Part Number Hot Search : 
60033 82001 UTI760A 60033 HER3001 2SC2020 TORX179 TDA1412
Product Description
Full Text Search
 

To Download SI-A30001350-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  si-a1125/500-6 ... si-a8000/3600-1.8 si-a1125/500-6 ... si-a8000/3600-1.8 high voltage silicon rectifier diodes silizium-hochspannungs-gleichrichterdioden version 2009-01-22 dimensions - ma?e [mm] nominal current nennstrom 6...1.8 a alternating input voltage eingangswechselspannung 1125...8000 v hockey-puck plastic case hockey-puck kunststoffgeh?use ? 55 x 23 [mm] weight approx. gewicht ca. 125 g polarity: cathode to stud polarit?t: kathode am gewinde compound has classification ul94v-0 vergussmasse nach ul94v-0 klassifiziert standard packaging bulk standard lieferform lose im karton maximum ratings grenzwerte type 1 ) typ 1 ) rated dc voltage anschlussgleichspg. v rd [v] alternat. input voltage eingangswechselspg. v vrms [v] rep. peak reverse voltage period. spitzensperrspg. v rrm [v] si-a1125/500-6 500 1125 3200 si-a1750/775-4 775 1750 4800 si-a3000/1350-2.5 1350 3000 8000 si-a8000/3600-1.8 3600 8000 24000 maximum ratings, t a = 50c grenzwerte, t a = 50c type typ max. average fwd. current dauergrenzstrom i frm [a] peak fwd. surge current sto?strom i fsm [a] 2 ) rating for fusing grenzlastintegral i 2 t [a 2 s] (t<10 ms) si-a1125/500-6 6.0 300 450 si-a1750/775-4 4.0 200 200 si-a3000/1350-2.5 2.5 200 200 si-a8000/3600-1.8 1.8 100 50 operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+150c admissible torque for mounting zul?ssiges anzugsdrehmoment m8 < 72 lb.in. < 8 nm 1 si-a and si-e are identical devices C si-a und si-e sind identische bauteile 2 for one 50 hz half sine-wave C fr eine 50 hz sinus-halbwelle ? diotec semiconductor ag http://www.diotec.com/ 1 si-a 3000/1350-2.5 m 8 2 2 3 3 6 16 55
si-a1125/500-6 ... si-a8000/3600-1.8 characteristics kennwerte type typ forward voltage durchlass-spannung v f [v] at/bei i f [a] t j = 25c leakage current sperrstrom i r [a] at / bei v rrm t j = 25c leakage current sperrstrom i r [ma] at / bei v rrm t j = 150c si-a1125/500-6 < 3 6 < 10 < 1 si-a1750/775-4 < 4 4 < 10 < 1 si-a3000/1350-2.5 < 6 2.5 < 10 < 1 si-a8000/3600-1.8 < 15 1.8 < 10 < 1 cascade connection by screwing on top of each other: kaskadierbar durch aufeinanderschrauben: 2 http://www.diotec.com/ ? diotec semiconductor ag si-a 3000/1350-2.5 si-a 3000/1350-2.5 si-a 3000/1350-2.5 si-a 3000/1350-2.5


▲Up To Search▲   

 
Price & Availability of SI-A30001350-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X